전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IP5312 데이터시트(PDF) 2 Page - Injoinic Technology Co.,Ltd.

부품명 IP5312
상세설명  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INJOINIC [Injoinic Technology Co.,Ltd.]
홈페이지  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5312 데이터시트(HTML) 2 Page - Injoinic Technology Co.,Ltd.

  IP5312 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
2 / 42
Copyright © 2019, Injoinic Corp.
current.
IP5568 integrates a 14bit ADC, which can accurately
measure battery voltage and current. The algorithm of
remaining battery capacity of IP5568 can accurately obtain
battery level information. The battery level curve can be
customized to accurately display the remaining battery
capacity.
IP5568 supports 1 / 2 / 4 LED battery level indicator,
and 88/188 digital tube battery level indicator. IP5568
supports lighting function and supports buttons.
Applications
Power bank with wireless charging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42