전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IP5322 데이터시트(PDF) 12 Page - Injoinic Technology Co.,Ltd.

부품명 IP5322
상세설명  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INJOINIC [Injoinic Technology Co.,Ltd.]
홈페이지  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322 데이터시트(HTML) 12 Page - Injoinic Technology Co.,Ltd.

Back Button IP5322 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
12 / 42
Copyright © 2019, Injoinic Corp.
Rd
Ip_3P0
CC1/CC2
VREF1
VREF2
VREF3
VREG
Figure 3 CC internal circuit
Pull-up and pull-down ability:
Name
Value
Ip_3P0
330uA
Rd
5.1K
Comparator Threshold of pull-up Ip:
Comparator Threshold of Pull-down Resistor Rd:
USB C detects cycle:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42