전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M459E16VMP6TG 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 M459E16VMP6TG
상세설명  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M459E16VMP6TG 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button M459E16VMP6TG Datasheet HTML 3Page - STMicroelectronics M459E16VMP6TG Datasheet HTML 4Page - STMicroelectronics M459E16VMP6TG Datasheet HTML 5Page - STMicroelectronics M459E16VMP6TG Datasheet HTML 6Page - STMicroelectronics M459E16VMP6TG Datasheet HTML 7Page - STMicroelectronics M459E16VMP6TG Datasheet HTML 8Page - STMicroelectronics M459E16VMP6TG Datasheet HTML 9Page - STMicroelectronics M459E16VMP6TG Datasheet HTML 10Page - STMicroelectronics M459E16VMP6TG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
M45PE16
Description
7/45
Figure 2.
MLP and SO8 connections
1.
There is an exposed central pad on the underside of the VFQFPN package. This is pulled, internally, to
VSS, and must not be allowed to be connected to any other voltage or signal line on the PCB.
2.
See Package mechanical section for package dimensions, and how to identify pin-1.
W
S
VCC
VSS
C
D
Q
Reset
AI06885C
M45PE16
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45