전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8147 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 CS8147
상세설명  10 V/5.0 V Low Dropout Dual Regulator with ENABLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8147 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button CS8147 Datasheet HTML 4Page - ON Semiconductor CS8147 Datasheet HTML 5Page - ON Semiconductor CS8147 Datasheet HTML 6Page - ON Semiconductor CS8147 Datasheet HTML 7Page - ON Semiconductor CS8147 Datasheet HTML 8Page - ON Semiconductor CS8147 Datasheet HTML 9Page - ON Semiconductor CS8147 Datasheet HTML 10Page - ON Semiconductor CS8147 Datasheet HTML 11Page - ON Semiconductor CS8147 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CS8147
http://onsemi.com
8
Figure 16. Dual Output Regulator With Key
Performance Parameters Labeled.
Smart
Regulator
Control
Features
VOUT1
IOUT1
VOUT2
IOUT2
VIN
IIN
IQ
Heat Sinks
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and the
outside environment will have a thermal resistance. Like
series electrical resistances, these resistances are summed to
determine the value of RΘJA:
R
QJA + RQJC ) RQCS ) RQSA
(3)
where:
RΘJC = the junction–to–case thermal resistance,
RΘCS = the case–to–heatsink thermal resistance, and
RΘSA = the heatsink–to–ambient thermal resistance.
RΘJC appears in the package section of the data sheet. Like
RΘJA, it too is a function of package type. RΘCS and RΘSA
are functions of the package type, heatsink and the interface
between them. These values appear in heat sink data sheets
of heat sink manufacturers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12