전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP3080E 데이터시트(PDF) 10 Page - Sipex Corporation

부품명 SP3080E
상세설명  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPEX [Sipex Corporation]
홈페이지  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3080E 데이터시트(HTML) 10 Page - Sipex Corporation

Back Button SP3080E Datasheet HTML 6Page - Sipex Corporation SP3080E Datasheet HTML 7Page - Sipex Corporation SP3080E Datasheet HTML 8Page - Sipex Corporation SP3080E Datasheet HTML 9Page - Sipex Corporation SP3080E Datasheet HTML 10Page - Sipex Corporation SP3080E Datasheet HTML 11Page - Sipex Corporation SP3080E Datasheet HTML 12Page - Sipex Corporation SP3080E Datasheet HTML 13Page - Sipex Corporation SP3080E Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Rev M 2/22/2007
SP3080E-3088E Advanced RS485 Transceivers
© Copyright 2007 Sipex Corporation
10
TYPICAL PERFORMANCE CHARACTERISTICS
Driver Average Propagation Delay
vs Temperature (SP3086-SP3088)
10
10.5
11
11.5
12
12.5
13
13.5
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Propagation Delay (ns)
R
L
L=50pF
RL=54Ω, CL=50pF
Driver Propagation Delay
vs Temperature (SP3086-SP3088)
8
9
10
11
12
13
14
15
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Propagation Delay (ns)
t
PLH
t
PHL
R
L
L=50pF
RL=54Ω, CL=50pF
Receiver Propagation Delay
vs Temperature (SP3083-SP3085)
115
120
125
130
135
140
145
150
155
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Propagation Delay (ns)
tPLH
tPHL
CL=15pF, V ID=±2V
RL=54Ω, CL=50pF
Driver Propagation Delay
vs Temperature (SP3083-SP3085)
390
400
410
420
430
440
450
460
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Propagation Delay (ns)
t
PLH
t
PHL
R
L
L=50pF
70
80
90
100
110
120
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Propagation Delay (ns)
CL=15pF, VID=±2V
Receiver Average Propagation Delay vs
Temperature (SP3080-SP3082)
Receiver Propagation Delay vs
Temperature (SP3080-SP3082)
70
80
90
100
110
120
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Propagation Delay (ns)
tPLH
tPHL
CL=15pF, VID=±2V
RL=54Ω, CL=50pF
RL=54Ω, CL=50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com