전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP3085EEN 데이터시트(PDF) 17 Page - Sipex Corporation

부품명 SP3085EEN
상세설명  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPEX [Sipex Corporation]
홈페이지  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3085EEN 데이터시트(HTML) 17 Page - Sipex Corporation

Back Button SP3085EEN Datasheet HTML 13Page - Sipex Corporation SP3085EEN Datasheet HTML 14Page - Sipex Corporation SP3085EEN Datasheet HTML 15Page - Sipex Corporation SP3085EEN Datasheet HTML 16Page - Sipex Corporation SP3085EEN Datasheet HTML 17Page - Sipex Corporation SP3085EEN Datasheet HTML 18Page - Sipex Corporation SP3085EEN Datasheet HTML 19Page - Sipex Corporation SP3085EEN Datasheet HTML 20Page - Sipex Corporation SP3085EEN Datasheet HTML 21Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17
Rev M 2/22/2007
SP3080E-3088E Advanced RS485 Transceivers
© Copyright 2007 Sipex Corporation
0 OR VCC DI D
GENERATOR
Y
Z
50Ω
CL=50pF
S1
VCC
OUT
RL=500Ω
0
VCC
VCC/2
tLZ
tZL, tZL(SHDN)
0.25V
VOM = (VOL+ VCC)/2
VOL
VCC OUT
DE
VID
RE
A
B
R
OUT
CL
15pF
A
B
OUT
tPHL
1.5V
tPLH
+1V
-1V
VOH
VOL
DESCRIPTION
Driver Enable and Disable Times Test Circuit and Timing Diagram
Receiver Propagation Delay Test Circuit and Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com