전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M25P16 데이터시트(PDF) 50 Page - STMicroelectronics

부품명 M25P16
상세설명  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16 데이터시트(HTML) 50 Page - STMicroelectronics

Back Button M25P16_07 Datasheet HTML 46Page - STMicroelectronics M25P16_07 Datasheet HTML 47Page - STMicroelectronics M25P16_07 Datasheet HTML 48Page - STMicroelectronics M25P16_07 Datasheet HTML 49Page - STMicroelectronics M25P16_07 Datasheet HTML 50Page - STMicroelectronics M25P16_07 Datasheet HTML 51Page - STMicroelectronics M25P16_07 Datasheet HTML 52Page - STMicroelectronics M25P16_07 Datasheet HTML 53Page - STMicroelectronics M25P16_07 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
Package mechanical
M25P16
50/55
Figure 30.
SO8W – 8 lead Plastic Small Outline, 208 mils body width, package
outline
1.
Drawing is not to scale.
Table 21.
SO8 wide – 8 lead Plastic Small Outline, 208 mils body width,
package mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A2.50
0.098
A1
0.00
0.25
0.000
0.010
A2
1.51
2.00
0.059
0.079
b
0.40
0.35
0.51
0.016
0.014
0.020
c
0.20
0.10
0.35
0.008
0.004
0.014
CP
0.10
0.004
D6.05
0.238
E
5.02
6.22
0.198
0.245
E1
7.62
8.89
0.300
0.350
e1.27–
–
0.050
–
–
k
0°
10°
0°
10°
L
0.50
0.80
0.020
0.031
N8
8
6L_ME
E
N
CP
b
e
A2
D
c
L
A1
k
E1
A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com