전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95640-W 데이터시트(PDF) 40 Page - STMicroelectronics

부품명 M95640-W
상세설명  32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-W 데이터시트(HTML) 40 Page - STMicroelectronics

Back Button M95640-W Datasheet HTML 36Page - STMicroelectronics M95640-W Datasheet HTML 37Page - STMicroelectronics M95640-W Datasheet HTML 38Page - STMicroelectronics M95640-W Datasheet HTML 39Page - STMicroelectronics M95640-W Datasheet HTML 40Page - STMicroelectronics M95640-W Datasheet HTML 41Page - STMicroelectronics M95640-W Datasheet HTML 42Page - STMicroelectronics M95640-W Datasheet HTML 43Page - STMicroelectronics M95640-W Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Package mechanical
M95320, M95640, M95320-x, M95640-x
40/44
Figure 20.
MLP8 - 8-lead Ultra thin Fine pitch Dual Flat No Lead, package outline
1.
Drawing is not to scale.
Table 26.
MLP8 - 8-lead Ultra thin Fine pitch Dual Flat No Lead, package
mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
0.55
0.50
0.60
0.022
0.020
0.024
A1
0.00
0.05
0.000
0.002
b
0.25
0.20
0.30
0.010
0.008
0.012
D2.00
0.079
D2
1.55
1.65
0.061
0.065
ddd
0.05
0.002
E3.00
0.118
E2
0.15
0.25
0.006
0.010
e0.50
–
–
0.020
–
–
L
0.45
0.40
0.50
0.018
0.016
0.020
L1
0.15
0.006
L3
0.30
0.012
N8
8
D
E
UFDFPN-01
A
A1
ddd
L1
e
b
D2
L
E2
L3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44