전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M25P16-VMP3G 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 M25P16-VMP3G
상세설명  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMP3G 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button M25P16-VMP3G Datasheet HTML 16Page - STMicroelectronics M25P16-VMP3G Datasheet HTML 17Page - STMicroelectronics M25P16-VMP3G Datasheet HTML 18Page - STMicroelectronics M25P16-VMP3G Datasheet HTML 19Page - STMicroelectronics M25P16-VMP3G Datasheet HTML 20Page - STMicroelectronics M25P16-VMP3G Datasheet HTML 21Page - STMicroelectronics M25P16-VMP3G Datasheet HTML 22Page - STMicroelectronics M25P16-VMP3G Datasheet HTML 23Page - STMicroelectronics M25P16-VMP3G Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
Instructions
M25P16
20/55
6.2
Write Disable (WRDI)
The Write Disable (WRDI) instruction (Figure 9) resets the Write Enable Latch (WEL) bit.
The Write Disable (WRDI) instruction is entered by driving Chip Select (S) Low, sending the
instruction code, and then driving Chip Select (S) High.
The Write Enable Latch (WEL) bit is reset under the following conditions:
●
Power-up
●
Write Disable (WRDI) instruction completion
●
Write Status Register (WRSR) instruction completion
●
Page Program (PP) instruction completion
●
Sector Erase (SE) instruction completion
●
Bulk Erase (BE) instruction completion
Figure 9.
Write Disable (WRDI) instruction sequence
C
D
AI03750D
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55