전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SKKT92 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited

부품명 SKKT92
상세설명  Thyristor Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SKKT92 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited

  SKKT92 Datasheet HTML 1Page - Inchange Semiconductor Company Limited SKKT92 Datasheet HTML 2Page - Inchange Semiconductor Company Limited SKKT92 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
SKKT92
Thyristor Modules
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VT
Forward Voltage Drop
ITM = 276A,TJ = 25 ℃
1.65
V
IDRM
IRRM
Peak Reverse and Off-state
Leakage Current
VR= VRRM,TJ = 125 ℃
20
mA
IGT
DC gate current required to trigger
Tvj = 25℃ ; d.c.
150
mA
VGT
DC gate voltage required to trigger
3.0
V
(di/dt)cr
Critical rate of rise of on-state current
Tvj = 125℃
150
A/us
tq
Circuit commutated turn-off time
Tvj = 125℃
250
us
IH
Holding current
Tvj = 25℃,typ./max
150/250
mA
IL
Latching current
Tvj = 25℃,RG=33Ω
300/600
mA
PACKAGE OUTLINE
Dimensions in mm (1mm = 0.0394“)



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com