| 전자부품 데이터시트 검색엔진 |
|
M41T94MH6F 데이터시트(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T94MH6F 데이터시트(HTML) 37 Page - STMicroelectronics |
|
37 / 40 page ![]() M41T94 Package mechanical information 37/40 Figure 21. SH – 4-pin SNAPHAT housing for 120mAh battery & crystal, package outline 1. Drawing is not to scale. Table 19. SH – 4-pin SNAPHAT housing for 120mAh battery & crystal, package mech. data Symbol millimeters inches Typ Min Max Typ Min Max A – – 10.54 – – 0.415 A1 – 8.00 8.51 – 0.315 0.335 A2 – 7.24 8.00 – 0.285 0.315 A3 – – 0.38 – – 0.015 B – 0.46 0.56 – 0.018 0.022 D – 21.21 21.84 – 0.835 0.860 E – 17.27 18.03 – 0.680 0.710 eA – 15.55 15.95 – 0.612 0.628 eB – 3.20 3.61 – 0.126 0.142 L – 2.03 2.29 – 0.080 0.090 SHTK-A A1 A D E eA eB A2 B L A3 |