전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST485EBDR 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 ST485EBDR
상세설명  ±15KV ESD protected, low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485EBDR 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button ST485EBDR Datasheet HTML 11Page - STMicroelectronics ST485EBDR Datasheet HTML 12Page - STMicroelectronics ST485EBDR Datasheet HTML 13Page - STMicroelectronics ST485EBDR Datasheet HTML 14Page - STMicroelectronics ST485EBDR Datasheet HTML 15Page - STMicroelectronics ST485EBDR Datasheet HTML 16Page - STMicroelectronics ST485EBDR Datasheet HTML 17Page - STMicroelectronics ST485EBDR Datasheet HTML 18Page - STMicroelectronics ST485EBDR Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
ST485E
Package mechanical data
15/19
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
3.3
0.130
a1
0.7
0.028
B
1.39
1.65
0.055
0.065
B1
0.91
1.04
0.036
0.041
b
0.5
0.020
b1
0.38
0.5
0.015
0.020
D
9.8
0.386
E
8.8
0.346
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
7.1
0.280
I
4.8
0.189
L
3.3
0.130
Z
0.44
1.6
0.017
0.063
Plastic DIP-8 MECHANICAL DATA
P001F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19