| 전자부품 데이터시트 검색엔진 |
|
ST72F264G1B6 데이터시트(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F264G1B6 데이터시트(HTML) 30 Page - STMicroelectronics |
|
30 / 172 page ![]() ST72260Gx, ST72262Gx, ST72264Gx 30/172 INTERRUPTS (Cont’d) 7.3 INTERRUPTS AND LOW POWER MODES All interrupts allow the processor to exit the WAIT low power mode. On the contrary, only external and other specified interrupts allow the processor to exit the HALT modes (see column “Exit from HALT” in “Interrupt Mapping” table). When several pending interrupts are present while exiting HALT mode, the first one serviced can only be an inter- rupt with exit from HALT mode capability and it is selected through the same decision process shown in Figure 17. Note: If an interrupt, that is not able to Exit from HALT mode, is pending with the highest priority when exiting HALT mode, this interrupt is serviced after the first one serviced. 7.4 CONCURRENT & NESTED MANAGEMENT The following Figure 18 and Figure 19 show two different interrupt management modes. The first is called concurrent mode and does not allow an in- terrupt to be interrupted, unlike the nested mode in Figure 19. The interrupt hardware priority is given in this order from the lowest to the highest: MAIN, IT4, IT3, IT2, IT1, IT0. The software priority is giv- en for each interrupt. Warning: A stack overflow may occur without no- tifying the software of the failure. Note: TLI (Top Level Interrupt) is not available in this product. Related Documentation AN1044: Multiple interrupt source management for ST7 MCUs Figure 18. Concurrent Interrupt Management Figure 19. Nested Interrupt Management MAIN IT4 IT2 IT1 TLI IT1 MAIN IT0 I1 SOFTWARE 3 3 3 3 3 3/0 3 11 11 11 11 11 11 / 10 11 RIM IT3 I0 10 PRIORITY LEVEL MAIN IT2 TLI MAIN IT0 3 2 1 3 3 3/0 3 11 00 01 11 11 11 RIM IT1 IT4 IT4 IT1 IT2 IT3 I1 I0 11 / 10 10 SOFTWARE PRIORITY LEVEL |