전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES9018S 데이터시트(PDF) 34 Page - ESS Technology,Inc

부품명 ES9018S
상세설명  Reference 32-bit Audio DAC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ESS [ESS Technology,Inc]
홈페이지  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018S 데이터시트(HTML) 34 Page - ESS Technology,Inc

Back Button ES9018S Datasheet HTML 30Page - ESS Technology,Inc ES9018S Datasheet HTML 31Page - ESS Technology,Inc ES9018S Datasheet HTML 32Page - ESS Technology,Inc ES9018S Datasheet HTML 33Page - ESS Technology,Inc ES9018S Datasheet HTML 34Page - ESS Technology,Inc ES9018S Datasheet HTML 35Page - ESS Technology,Inc ES9018S Datasheet HTML 36Page - ESS Technology,Inc ES9018S Datasheet HTML 37Page - ESS Technology,Inc ES9018S Datasheet HTML 38Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
2.3
ES9018S Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
34
Register 45-42: STAGE 2 FIR COEFFICIENTS
Bits
[31:0]
Default
-
Bits
Mnemonic
Description
[31:0]
STAGE2_FIR_COEFFICIENTS
These 32 bits are used for writing the stage 1 FIR coefficients.
See the programming section for more information.
Register 71-48: SPDIF CHANNEL STATUS DATA
Bits
[191: 0]
Default
-
Bits
Mnemonic
Description
[191: 0]
SPDIF_CHANNEL_STATUS_DATA
These registers allow read back of the SPDIF channel status.
The status definition is different for the customer configuration
(Table 7) and professional configuration (Table 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54