전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES9039SPRO 데이터시트(PDF) 9 Page - ESS Technology,Inc

부품명 ES9039SPRO
상세설명  32-bit High-Performance 8-Channel DAC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ESS [ESS Technology,Inc]
홈페이지  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039SPRO 데이터시트(HTML) 9 Page - ESS Technology,Inc

Back Button ES9039SPRO Datasheet HTML 5Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 6Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 7Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 8Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 9Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 10Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 11Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 12Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 13Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 95 page
background image
ES9039MPRO & ES9039PRO Datasheet
CONFIDENTIAL ADVANCE INFORMATION 0.2.1
9
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Feature List
The ES9039(M)PRO are SABRE 8 channel Flagship performance digital to analog converters (DAC) with features and performance including the
new Hyperstream IV modulator that produces a device that is well suited for all Audiophile and PRO Audio applications.
These features include TDM & SPI support as well as a Hardware (HW) mode for simplifying configuration of the ES9039PRO. The ES9039MPRO
includes a built in MQA renderer.
TDM / I2S / LJ / RJ / DSD / DoP interfaces are supported.
Sample rates up to 768kHz with PCM data and 7 selectable build-in digital filters as well as programmable filters. DSD rates up to DSD1024 are
supported as well.
Configuration Modes
The ES9039PRO/ES9039MPRO have 4 control programming modes. They are controlled by the state of the MODE (pin 23):
MODE PIN
Configuration
0
I2C interface
Pull Low
HW control mode (see Hardware Mode Table)
Pull High
HW control mode (see Hardware Mode Table)
1
SPI interface
Software Mode
To configure the ES9039MPRO & ES9039PRO registers manually over I2C or SPI, connect the following pins:
I2C
o
MODE (Pin 23) – GND
o
Connect per I2C standard
SDA (Pin 21)
SCL (Pin 22)
ADDR0 (Pin 41)
ADDR1 (Pin 40)
Available I2C Addresses for the ES9039(M)PRO:
I2C Address
ADDR1
ADDR0
0x90
GND
GND
0x92
GND
AVDD
0x94
AVDD
GND
0x96
AVDD
AVDD
Table 1 – I2C address configurations
SPI
o
Mode (Pin 23) – AVDD
o
Connect per SPI standard
MOSI (Pin 21)
SCLK (Pin 22)
SS (Pin 40)
MISO (Pin 41)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95