전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT80C51RA2-3CSCL 데이터시트(PDF) 14 Page - International Rectifier

부품명 AT80C51RA2-3CSCL
상세설명  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

AT80C51RA2-3CSCL 데이터시트(HTML) 14 Page - International Rectifier

Back Button AT80C51RA2-3CSCL Datasheet HTML 10Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 11Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 12Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 13Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 14Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 15Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 16Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 17Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 85 page
background image
14
4188E–8051–08/06
AT/TS8xC51Rx2
Reset Value = XXXX XXX0b
Not bit addressable
F or further details on the X2 fe ature, please refer to ANM 072 ava ilable on the web
(http://www.atmel.com)
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0X2
CPU and peripheral clock bit
Clear to select 12 clock periods per machine cycle (STD mode, F
OSC=FXTAL/2).
Set to select 6 clock periods per machine cycle (X2 mode, FOSC=FXTAL).
Bit Number
Bit
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85