| 전자부품 데이터시트 검색엔진 |
|
AT80C51RA2-RLSIV 데이터시트(PDF) 21 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
AT80C51RA2-RLSIV 데이터시트(HTML) 21 Page - International Rectifier |
|
21 / 85 page ![]() 21 4188E–8051–08/06 AT/TS8xC51Rx2 It is possible to use timer 2 as a baud rate generator and a clock generator simultaneously. For this configuration, the baud rates and clock frequencies are not independent since both func- tions use the values in the RCAP2H and RCAP2L registers. Figure 6-3. Clock-Out Mode C/T2 = 0 Table 6-2. T2CON Register T2CON - Timer 2 Control Register (C8h) :2 EXF2 TR2 OVERFLOW T2EX TH2 (8-bit) TL2 (8-bit) TIMER 2 RCAP2H (8-bit) RCAP2L (8-bit) T2OE T2 XTAL1 T2CON reg T2CON reg T2CON reg T2MOD reg INTERRUPT QD Toggle EXEN2 (:1 in X2 mode) 7 6 5 4 3 2 1 0 TF2 EXF2 RCLK TCLK EXEN2 TR2 C/T2# CP/RL2# |