전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UR132-28-AF5-3-R 데이터시트(PDF) 2 Page - Unisonic Technologies

부품명 UR132-28-AF5-3-R
상세설명  200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR132-28-AF5-3-R 데이터시트(HTML) 2 Page - Unisonic Technologies

  UR132-28-AF5-3-R Datasheet HTML 1Page - Unisonic Technologies UR132-28-AF5-3-R Datasheet HTML 2Page - Unisonic Technologies UR132-28-AF5-3-R Datasheet HTML 3Page - Unisonic Technologies UR132-28-AF5-3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UR132
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R102-007,G
MARKING INFORMATION
PACKAGE
VOLTAGE CODE Pin Assignment
MARKING
OGI
RXX
SOT-23
GOI
RXX5
SOT-25
12:1.2V
15 :1.5V
18:1.8V
22:2.2V
2E:2.5V
26:2.6V
27:2.7V
28:2.8V
30:3.0V
33:3.3V
50:5.0V
AD:ADJ
IGNNO
RXX
BLOCK DIAGRAM
VOUT
VIN
Current Limit
Themal Limit
Current Amp
+
-
+
VREF
1.25V
GND
ADJ
For
Fixed
Voltage
Device



Html Pages

1 2 3 4