전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M28S-TA 데이터시트(PDF) 2 Page - Nanjing International Group Co

부품명 M28S-TA
상세설명  TO-92 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DGNJDZ [Nanjing International Group Co]
홈페이지  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

M28S-TA 데이터시트(HTML) 2 Page - Nanjing International Group Co

  M28S-TA Datasheet HTML 1Page - Nanjing International Group Co M28S-TA Datasheet HTML 2Page - Nanjing International Group Co M28S-TA Datasheet HTML 3Page - Nanjing International Group Co M28S-TA Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(/(&75,&$/&+$5$&7(5,67,&6
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 0.1mA ,IE=0
40
V
Collector-emitter breakdown voltage
V(BR) CEO
IC=1mA,IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA,IC=0
6
V
Collector cut-off current
ICBO
VCB=40V,IE=0
1
A
Collector cut-off current
ICEO
VCE=20V,IB=0
5
A
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
A
hFE(1)
VCE=1V, IC=1mA
290
hFE(2)
VCE=1V, IC=100mA
300
1000
hFE(3)
VCE=10V, IC=300mA
300
DC current gain
hFE(4)
VCE=1V, IC=500mA
300
Collector-emitter saturation voltage
VCE(sat)
IC=600mA,IB=20mA
0.55
V
Transition frequency
fT
VCE=10V,IE=50mA ,f=30MHz
100
MHz
CLASSIFICATION OF hFE(2)
RANK
B
C
D
RANGE
300-550
500-700
650-1000
a
T =25
unless otherwise specified
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com