| 전자부품 데이터시트 검색엔진 |
|
LM2937-33-TA3-R 데이터시트(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LM2937-33-TA3-R 데이터시트(HTML) 3 Page - Unisonic Technologies |
|
3 / 10 page ![]() LM2937 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 3 of 10 www.unisonic.com.tw QW-R102-012.F ABSOLUTE MAXIMUM RATINGS (Note 1) PARAMETER SYMBOL RATINGS UNIT Input Voltage VIN 26 V Power Dissipation(Note 2) PD Internally limited Maximum Junction Temperature TJ +150 °C Storage Temperature TSTG -40 ~ +150 °C Note 1. Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical Specifications do not apply when operating the device outside of its rated Operating Conditions. 2. The maximum allowable power dissipation at any ambient temperature is PMAX = (125-TA)/ θJA, where 125 is the maximum junction temperature for operation, TA is the ambient temperature, and θJA is the junction to ambient thermal resistance. If this dissipation is exceeded, the die temperature will rise above 125 °C and the electrical specifications do not apply. If the die temperature rises above 150 °C, the LM2937 will go into thermal shutdown. THERMAL DATA PARAMETER SYMBOL RATINGS UNIT TO-220 65 TO-263 73 Thermal Resistance Junction- Ambient TO-263-5 θJA 73 TO-220 3 TO-263 4 Thermal Resistance Junction- Case TO-263-5 θJC 4 °C/W ELECTRICAL CHARACTERISTICS (VIN=VNOM+5V, IOUT=500mA, COUT=10µF, TJ=Ta=25°C, unless otherwise specified.) For LM2937-3.3V PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage VOUT 5mA≤IOUT≤500mA 3.21 3.30 3.39 V Line Regulation V △ OUT VOUT+2V≤VIN≤26V, IOUT=5mA 9 30 mV Load Regulation V △ OUT 5mA≤IOUT≤500mA 3 30 mV (VO+2V)≤VIN ≤26V, IOUT=5mA 2 10 mA Quiescent Current IQ VIN= VOUT+5V, IOUT=500mA 10 20 mA Output Noise Voltage eN 10Hz-100kHz, IOUT=5mA 100 µVrms Long Term Stability 1000Hrs 12 mV IOUT=500mA 0.5 1.0 V Dropout Voltage VD IOUT=50mA 110 250 mV Short Circuit Current ISC 0.6 1.0 A Peak Line Transient Voltage TIN tF≤100ms, RL=100Ω 60 75 V Reverse DC Input Voltage VRIN VOUT ≥-0.6V, RL=100Ω -15 -30 V Reverse Transient Input Voltage VTRRI tF<1ms, RL=100Ω -50 -75 V For LM2937-5.0V PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage VOUT 5mA≤IOUT≤500mA 4.85 5.00 5.15 V Line Regulation V △ OUT VOUT+2V≤VIN≤26V, IOUT=5mA 15 50 mV Load Regulation V △ OUT 5mA≤IOUT≤500mA 5 50 mV (VOUT+2V)≤VIN ≤26V, IOUT=5mA 2 10 mA Quiescent Current IQ VIN= VOUT+5V, IOUT=500mA 10 20 mA Output Noise Voltage eN 10Hz-100kHz, IOUT=5mA 150 µVrms Long Term Stability 1000Hrs 20 mV IOUT=500mA 0.5 1.0 V Dropout Voltage VD IOUT=50mA 110 250 mV |