전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2RI60G-160 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited

부품명 2RI60G-160
상세설명  Diode Diode Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2RI60G-160 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited

  2RI60G-160 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2RI60G-160 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2RI60G-160 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
2RI60G-160
Diode Diode Modules
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VF
Maximum Instantaneous Forward Voltage
IF= 1200A ; TC= 25℃
1.5
V
IR
Maximum Instantaneous Reverse Current TVJ=TVJM; VR=VRRM
10
mA
Md
Mounting torque (M5)
Terminal connection torque (M5)
2.5-4/22-35
2.5-4/22-35 Nm/lb.in.
VISOL
Isolation voltage
2500
V~
W
Weight
TYP
105
g
PACKAGE OUTLINE
Dimensions in mm



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com