전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC2655L-X-T9N-R 데이터시트(PDF) 4 Page - Unisonic Technologies

부품명 2SC2655L-X-T9N-R
상세설명  POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2655L-X-T9N-R 데이터시트(HTML) 4 Page - Unisonic Technologies

  2SC2655L-X-T9N-R Datasheet HTML 1Page - Unisonic Technologies 2SC2655L-X-T9N-R Datasheet HTML 2Page - Unisonic Technologies 2SC2655L-X-T9N-R Datasheet HTML 3Page - Unisonic Technologies 2SC2655L-X-T9N-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SC2655
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R211-013,C
TYPICAL CHARACTERISTICS(Cont.)
Ic-VBE
Base -Emitter Voltage, VBE(V)
0
0.4
0.8
1.2
0
0.5
1.0
1.5
1.6
2.0
Common Emitter
VCE=2 V
VBE(SAT ) -Ic
Collector Current, Ic (A)
0.01
0.03
0.1
0.1
0.3
0.5
0.3
1
1
3
Ta=100°C
Ta=25°C
Ta=-55°C
0.05
2.0
Ta=-55°C
Ta=100°C
Ta=25°C
5
Common Emitter
Ic/IB=20
Pc-Ta
Ambient Temperature,
0
40
80
120
0
200
400
600
160
800
200
Collector-Emitter Voltage, VCE(V)
Safe Operating Area
PT=1s
3
0.2
1
10
0.0
1
0.1
0.0
3
0.05
0.3
Single Nonrepetitive Pulse
0.5
30
100
0.5
1
3
5
1ms*
10ms*
100ms*
1s*
Ic MAX.(PULSED )*
Ta=25°C
Ta=25°C
Curves Must Be Derated Linearly With
Increase In Temperature
DC Operation
240
1000
Ta (°C)
VCEO MAX.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com