| 전자부품 데이터시트 검색엔진 |
|
LA2284-SM1-R 데이터시트(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LA2284-SM1-R 데이터시트(HTML) 3 Page - Unisonic Technologies |
|
3 / 5 page ![]() LA2284/A LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 3 of 5 www.unisonic.com.tw QW-R121-002,B ABSOLUTE MAXIMUM RATINGS (Ta=25°C) PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC 18 V Amplifier input Voltage V8 -0.5 ~ VCC V Pin 7 Voltage V7 6 V D terminal Output Voltage VD 18 V Power dissipation PD 1100 W Operating Temperature TOPR -20 ~ +80 °C Storage Temperature TSTG -40 ~ +125 °C Notes: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (Ta=25°C, VCC=6V, f=1kHz, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT LA2284 3.5 6.0 16.0 V Supply Voltage LA2284A VCC 3.0 6.0 16.0 V Supply Current ICC VIN=0 5 8 mA Sensitivity VIN In Vc3 Level 46 56 66 mV Comparator ON Level 1 Vc1 -11.5 -10.0 -8.5 dB Comparator ON Level 2 Vc2 -6 -5 -4 dB Comparator ON Level 3 Vc3 0 dB Comparator ON Level 4 Vc4 2.5 3.0 3.5 dB Comparator ON Level 5 Vc5 5 6 7 dB LED Output Current IO(LED) 11.0 15.0 18.5 mA Amp Gain Gv VIN=0.1V 24 26 28 dB Input Bias Current II(BIAS) -1.0 -0.3 µA |