| 전자부품 데이터시트 검색엔진 |
|
81N47-R-AB3-I-R 데이터시트(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
81N47-R-AB3-I-R 데이터시트(HTML) 2 Page - Unisonic Technologies |
|
2 / 15 page ![]() 81CXXX/81NXXX CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 of 15 www.unisonic.com.tw QW-R502-039,I ORDERING INFORMATION(Cont.) 8 1C xxL - - AB3 - x -R (1)Packing Type (2)Pin Code (5)Lead Plating (4)Delay Time (1) R: Tape Reel, B: Tape Box, K: Bulk (2) refer to Pin Assignment (4) : refer to Delay Time (5)L: Lead Free Plating, Blank: Pb/Sn (6)Output Voltage Code (7)Output Configuration (6) xx: refer to Marking Information (7) C: CMOS, N: N-Cannel 1 1 (3)Package Type (3) AB3: SOT-89, AE3: SOT-23, T92: TO-92 MARKING INFORMATION PACKAGE VOLTAGE CODE MARKING SOT-89 12 3 81XXXX Date Code Voltage Code C:CMOS N:N-Channel Lead Plating TO-92 10:1.0V 11:1.1V 12:1.2V 13:1.3V 14:1.4V 15:1.5V 16:1.6V 17:1.7V 18:1.8V 19:1.9V 20:2.0V 21:2.1V 22:2.2V 23:2.3V 24:2.4V 25:2.5V 26:2.6V 27:2.7V 28:2.8V 29:2.9V 30:3.0V 31:3.1V 32:3.2V 33:3.3V 34:3.4V 35:3.5V 36:3.6V 37:3.7V 38:3.8V 39:3.9V 40:4.0V 41:4.1V 42:4.2V 43:4.3V 44:4.4V 45:4.5V 46:4.6V 47:4.7V 48:4.8V 49:4.9V 50:5.0V 12 3 UTC 81XXXX Voltage Code Date Code Pin Code C:CMOS N:N-Channel Lead Plating * Represents the integer of the Detect Voltage ** Represents the decimal number of the Detect Voltage EXAMPLE: 1 2 3 Month (January ) 2 H A L 81C27P 1 2 3 Month (May) Voltage Code 2 H E L 81N27H L:Pb-free L:Pb-free Voltage Code Pin Code Pin Code PACKAGE INTEGER* CODE DECIMAL** CODE MARKING 1. 1 .0 A 2. 2 .1 B 3. 3 .2 C 4. 4 .3 D 5. 5 .4 E 6. 6 .5 F .6 G .7 H .8 J SOT-23 .9 K 1 2 3 Month Voltage Code Lead Plating Pin Code |