| 전자부품 데이터시트 검색엔진 |
|
LP2950-36-D08-R 데이터시트(PDF) 6 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LP2950-36-D08-R 데이터시트(HTML) 6 Page - Unisonic Technologies |
|
6 / 7 page ![]() LP2950/2951 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 6 of 7 www.unisonic.com.tw QW-R102-001,J TYPICAL CHARACTERISTICS 1 2 34 5 6 0 0 1 2 3 4 5 6 Dropout Characteristics Input Voltage (V) RL=50k Ω RL=50 Ω 0 1 2 3 4 5 6 7 8 9 10 11 12 0 10 20 30 40 50 60 70 80 90 100 120 110 130 140 150 Input Current Input Voltage (V) R L=50Ω 50 60 70 80 90 100 110 120 -75 -50 -25 0 25 50 75 100 125 150 Ground Pin Current Temperature (℃) VIN =6V IL=100µA -75 -50 -25 0 25 50 75 100125 150 4 5 6 7 8 Temperature (℃) Ground Pin Current V IN =6V I L = 100mA -75 -50 -25 0 25 50 75 100125 150 0 50 100 300 400 500 600 ≈ Dropout Voltage IL=100mA IL=100 µA -75 -50 -25 0 25 50 75 100125 150 0.6 0.8 1.0 1.2 1.4 1.6 1.8 Shutdown Threshold Voltage 200 Temperature (℃) Temperature (℃) |