| 전자부품 데이터시트 검색엔진 |
|
L6571AD 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6571AD 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 8 page ![]() L6571A L6571B 6/8 DIM. mm inch MIN. TYP. MAX. MIN. TYP. MAX. A 1.75 0.069 a1 0.1 0.25 0.004 0.010 a2 1.65 0.065 a3 0.65 0.85 0.026 0.033 b 0.35 0.48 0.014 0.019 b1 0.19 0.25 0.007 0.010 C 0.25 0.5 0.010 0.020 c1 45 ° (typ.) D (1) 4.8 5.0 0.189 0.197 E 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 3.81 0.150 F (1) 3.8 4.0 0.15 0.157 L 0.4 1.27 0.016 0.050 M 0.6 0.024 S8 ° (max.) (1) D and F do not include mold flash or protrusions. Mold flash or potrusions shall not exceed 0.15mm (.006inch). SO8 OUTLINE AND MECHANICAL DATA |