| 전자부품 데이터시트 검색엔진 |
|
LD1117AL-36-S08-A-R 데이터시트(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LD1117AL-36-S08-A-R 데이터시트(HTML) 5 Page - Unisonic Technologies |
|
5 / 12 page ![]() LD1117/A LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 5 of 12 www.unisonic.com.tw QW-R102-006,Q ELECTRICAL CHARACTERISTICS(Cont.) For LD1117/A-1.5 PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Output Voltage VOUT VIN=3.5V, IOUT=10mA, TJ=25°C 1.485 1.500 1.515 V Output Voltage VOUT VIN=3 to 8V LD1117 : IOUT=0 ~ 800mA LD1117A : IOUT=0 ~ 1.0A 1.470 1.500 1.530 V Line Regulation ΔVOUT VIN=3 to 8V, IOUT=0mA 1 6 mV Load Regulation ΔVOUT VIN=3V LD1117 : IOUT=0 ~ 800mA LD1117A : IOUT=0 ~ 1000mA 1 10 mV Temperature stability ΔVOUT 0.5 % Long Term Stability ΔVOUT 1000 hrs, TJ =125°C 0.3 % Operating Input Voltage VIN IOUT=100mA 15 V Quiescent Current IQ VIN≤10V 5 10 mA LD1117 800 Current Limit ILIMIT VIN=6.5V, TJ =25°C LD1117A 1000 mA Output Noise Voltage eN B=10Hz to 10KHz, TJ =25°C 100 μV Supply Voltage Rejection SVR IOUT=40mA, f=120Hz, TJ =25°C, VIN=4.5V, VRIPPLE=1Vpp 60 75 dB Dropout Voltage VD IOUT=100mA IOUT=500mA IOUT=800mA IOUT=1000 mA 1.00 1.15 1.20 1.20 1.10 1.25 1.30 1.30 V V V V Thermal Regulation Ta=25 °C, 30ms Pulse 0.01 0.10 %/W For LD1117/A-1.8 PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Output Voltage VOUT VIN=3.8V, IOUT=10mA, TJ =25°C 1.780 1.800 1.820 V Output Voltage VOUT VIN=3.3 to 8V LD1117 : IOUT=0 ~ 800mA LD1117A : IOUT=0 ~ 1000mA 1.760 1.800 1.840 V Line Regulation ΔVOUT VIN=3.3 to 8V, IOUT=0mA 1 6 mV Load Regulation ΔVOUT VIN=3.3V LD1117 : IOUT=0 ~ 800mA LD1117A : IOUT=0 ~ 1000mA 1 10 mV Temperature stability ΔVOUT 0.5 % Long Term Stability ΔVOUT 1000 hrs, TJ =125°C 0.3 % Operating Input Voltage VIN IOUT=100mA 10 V Quiescent Current IQ VIN≤8V 5 10 mA LD1117 800 Current Limit ILIMIT VIN=6.8V, TJ =25°C LD1117A 1000 mA Output Noise Voltage eN B=10Hz to 10KHz, TJ =25°C 100 μV Supply Voltage Rejection SVR IOUT=40mA, f=120Hz, TJ =25°C, VIN=5.5V, Vripple=1Vpp 60 75 dB Dropout Voltage VD IOUT=100mA IOUT=500mA IOUT=800mA IOUT=1000 mA 1.00 1.15 1.20 1.20 1.10 1.25 1.30 1.30 V V V V Thermal Regulation Ta=25 °C, 30ms Pulse 0.01 0.10 %/W |