| 전자부품 데이터시트 검색엔진 |
|
STM32F407IGH6TR 데이터시트(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IGH6TR 데이터시트(HTML) 49 Page - STMicroelectronics |
|
49 / 203 page ![]() DS8626 Rev 9 49/203 STM32F405xx, STM32F407xx Pinouts and pin description 11 E9 18 29 M5 35 PC3 I/O FT (5) SPI2_MOSI / I2S2_SD / OTG_HS_ULPI_NXT / ETH_MII_TX_CLK/ EVENTOUT ADC123_IN13 -- 19 30 - 36 VDD S- - - - 12 H10 20 31 M1 37 VSSA S- - - - -- - - N1 - VREF– S- - - - - - 21 32 P1 38 VREF+ S- - - - 13 G9 22 33 R1 39 VDDA S- - - - 14 C10 23 34 N3 40 PA0/WKUP (PA0) I/O FT (6) USART2_CTS/ UART4_TX/ ETH_MII_CRS / TIM2_CH1_ETR/ TIM5_CH1 / TIM8_ETR/ EVENTOUT ADC123_IN0/WKU P(5) 15 F8 24 35 N2 41 PA1 I/O FT (5) USART2_RTS / UART4_RX/ ETH_RMII_REF_CLK / ETH_MII_RX_CLK / TIM5_CH2 / TIM2_CH2/ EVENTOUT ADC123_IN1 16 J10 25 36 P2 42 PA2 I/O FT (5) USART2_TX/TIM5_CH3 / TIM9_CH1 / TIM2_CH3 / ETH_MDIO/ EVENTOUT ADC123_IN2 - - - - F4 43 PH2 I/O FT - ETH_MII_CRS/EVENTOUT - - - - - G4 44 PH3 I/O FT - ETH_MII_COL/EVENTOUT - - - - - H4 45 PH4 I/O FT - I2C2_SCL / OTG_HS_ULPI_NXT/ EVENTOUT - - - - - J4 46 PH5 I/O FT - I2C2_SDA/ EVENTOUT - 17 H9 26 37 R2 47 PA3 I/O FT (5) USART2_RX/TIM5_CH4 / TIM9_CH2 / TIM2_CH4 / OTG_HS_ULPI_D0 / ETH_MII_COL/ EVENTOUT ADC123_IN3 18 E5 27 38 - - VSS S- - - - Table 7. STM32F40xxx pin and ball definitions(1) (continued) Pin number Pin name (function after reset)(2) Alternate functions Additional functions |