| 전자부품 데이터시트 검색엔진 |
|
BASICS-HANDTOOL 데이터시트(PDF) 1 Page - Amphenol Communications Solutions |
|
|
|||||||||||||||||||||||||||||
BASICS-HANDTOOL 데이터시트(HTML) 1 Page - Amphenol Communications Solutions |
|
1 / 3 page ![]() § PV® Hand tool P/N: • 10162308-001 - AWG 18-20 • 10162309-001 - AWG 22-26 • 10162310-001 - AWG 28-32 § § § § Ergonomic handle for an optimal grip www.amphenol-cs.com TARGET MARKETS PV® Hand Tool PROFESSIONAL, FAST & ROBUST HAND TOOL FCI Basics’ crimping hand tool is professionally designed for applications in the prototyping phase or small production quantities. The hand tool has a mechanism which opens automatically after making the last advance of the ratchet. There are 3 different tools depending on the wire gauge needed. These hand tools are dedicated for the Mini PV® Crimp-to-Wire product. PV® is the high performance, highly reliable Wire-to-Board; Wire- to-Wire and Board-to-Board system on 2.54mm pitch for shock and vibration applications. The leaf spring contact design provides a constant contact pressure through up to 1,000 mating cycles to ensure excellent electrical and mechanical performance over time. Amphenol CS recommends using the hand tool for prototyping and small production quantities. This tool should only be used for the terminals and wire gauges specified in this document. To learn more about how to use our all-in-one Crimping Hand Tool, click to watch the video. Contact (base part number) to be use with 10162310-001 (AWG 28-32) 47705 47711 47714 47742 47744 47748 47751 48045 48048 48050 48237 48238 48239 48243 48246 48249 47212 47213 47437 47446 47456 47650 47564 Contact (base part number) to be use with 10162308-001 (AWG 18-20) 47749 47785 48014 48047 48052 48231 48232 48233 48241 48244 48247 48250 48253 48256 48266 48276 47221 47441 47566 47648 47713 47746 47716 48252 48255 48258 Contact (base part number) to be use with 10162309-001 (AWG 22-26) 47706 47712 47715 47743 47745 47747 47750 48046 48049 48051 48234 48235 48236 48242 48245 48248 47216 47217 47439 47445 47457 47649 47565 48251 48254 48257 |
유사한 부품 번호 - BASICS-HANDTOOL |
|
유사한 설명 - BASICS-HANDTOOL |