전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

97-607 데이터시트(PDF) 2 Page - Laird Tech Smart Technology

부품명 97-607
상세설명  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LSTD [Laird Tech Smart Technology]
홈페이지  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-607 데이터시트(HTML) 2 Page - Laird Tech Smart Technology

  97-607 Datasheet HTML 1Page - Laird Tech Smart Technology 97-607 Datasheet HTML 2Page - Laird Tech Smart Technology 97-607 Datasheet HTML 3Page - Laird Tech Smart Technology 97-607 Datasheet HTML 4Page - Laird Tech Smart Technology 97-607 Datasheet HTML 5Page - Laird Tech Smart Technology 97-607 Datasheet HTML 6Page - Laird Tech Smart Technology 97-607 Datasheet HTML 7Page - Laird Tech Smart Technology 97-607 Datasheet HTML 8Page - Laird Tech Smart Technology 97-607 Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
BERYLLIUM COPPER SOLUTIONS AND BEYOND.
Large-volume requirements are readily met
by our high-speed Bruderer punch presses.
Large bed presses enable
Laird Technologies to process
a wide variety of material
types and thicknesses to broaden our
metals capability and offer customized
solutions from shielding, grounding or
non-EMI applications.
Heat-treating, critical to imparting the
specific mechanical qualities to the spring
materials, is computer-controlled. All heat
treated batches are also quality tested for
hardness and specifications.
Photo-chemical
machining
produces
extremely intricate and complex parts to
precise specifications and provides a cost-
effective alternative to tooling.
Multi-slide machines offer economical
production options.
From design to totally automated assembly,
Laird Technologies offers complete control
of your assembled product.
Our precision plating departments support
and strictly comply with environmental,
health and safety standards while offering
a wide variety of plating finishes.
This environment-friendly, aqueous
degreasing
unit
for
removing
stamping oils cleans with a mild
alkaline solution—eliminating the
need for chlorinated solvents.
Beryllium copper has remarkable stability, superior tensile strength,
impressive thermal and electrical conductivity, and high shielding
attenuation values. Which is why Laird Technologies
® offers over 250
different configurations of beryllium copper shielding. Beyond beryllium
copper, we also offer shielding and custom-engineered stampings in
stainless steel, brass, phosphor bronze and other special alloys.
LT-3034 Metals_catalog
10/8/04
10:29 AM
Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64