전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5CEBA2F27C7ES 데이터시트(PDF) 26 Page - Intel Corporation

부품명 5CEBA2F27C7ES
상세설명  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F27C7ES 데이터시트(HTML) 26 Page - Intel Corporation

Back Button 5CEBA2F27C7ES Datasheet HTML 22Page - Intel Corporation 5CEBA2F27C7ES Datasheet HTML 23Page - Intel Corporation 5CEBA2F27C7ES Datasheet HTML 24Page - Intel Corporation 5CEBA2F27C7ES Datasheet HTML 25Page - Intel Corporation 5CEBA2F27C7ES Datasheet HTML 26Page - Intel Corporation 5CEBA2F27C7ES Datasheet HTML 27Page - Intel Corporation 5CEBA2F27C7ES Datasheet HTML 28Page - Intel Corporation 5CEBA2F27C7ES Datasheet HTML 29Page - Intel Corporation 5CEBA2F27C7ES Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Figure 10.
Device Chip Overview for Cyclone V GX and GT Devices
The figure shows a Cyclone V FPGA with transceivers. Different Cyclone V devices may have a different
floorplans than the one shown here.
I/O, LVDS, and Memory Interface
I/O, LVDS, and Memory Interface
Hard Memory Controller
Hard Memory Controller
Core Logic Fabric and MLABs
Variable-Precision DSP Blocks
M10K Internal Memory Blocks
Transceiver
PMA
Transceiver
PMA
Transceiver
PMA
Hard
PCS
Hard
PCS
Hard
PCS
Transceiver
Individual Channels
PMA Features
To prevent core and I/O noise from coupling into the transceivers, the PMA block is
isolated from the rest of the chip—ensuring optimal signal integrity. For the
transceivers, you can use the channel PLL of an unused receiver PMA as an additional
transmit PLL.
Table 22.
PMA Features of the Transceivers in Cyclone V Devices
Features
Capability
Backplane support
Driving capability up to 6.144 Gbps
PLL-based clock recovery
Superior jitter tolerance
Programmable deserialization and word
alignment
Flexible deserialization width and configurable word alignment pattern
Equalization and pre-emphasis
• Up to 14.37 dB of pre-emphasis and up to 4.7 dB of equalization
• No decision feedback equalizer (DFE)
Ring oscillator transmit PLLs
614 Mbps to 6.144 Gbps
Input reference clock range
20 MHz to 400 MHz
Transceiver dynamic reconfiguration
Allows the reconfiguration of a single channel without affecting the operation of
other channels
Cyclone V Device Overview
683694 | 2018.05.07
Cyclone V Device Overview
Send Feedback
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com