| 전자부품 데이터시트 검색엔진 |
|
SIM800H 데이터시트(PDF) 46 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800H 데이터시트(HTML) 46 Page - SIMCom |
|
46 / 73 page ![]() Smart Machine Smart Decision Table 23: Pin definition of the keypad interface Pin name Pin number Function Default state KBC0 20 Pull up KBC1 25 Pull down KBC2 22 Pull down KBC3 21 Pull down KBC4 24 Keypad matrix column Pull down KBR0 62 Pull down KBR1 60 Pull down KBR2 61 Pull down KBR3 23 Pull down KBR4 63 Keypad matrix row Pull down Note: Please be sure to increase the ESD protection devices in product design phase, and make sure have ESD protection devices in the final product. 4.10.1. Keypad Multiplexing Function Table 24: Keypad multiplexing function Pin name Pin number Mode 0(default) Mode 1 KBC0 20 KBC0 GPIO6 KBC1 25 KBC1 GPIO7 KBC2 22 KBC2 GPIO8 KBC3 21 KBC3 GPIO9 KBC4 24 KBC4 GPIO10 KBR0 62 KBR0 GPIO11 KBR1 60 KBR1 GPIO12 KBR2 61 KBR2 GPIO13 KBR3 23 KBR3 GPIO14 KBR4 63 KBR4 GPIO15 Note: Multiplexing function need different software supply. 4.11. I2C Bus The SIM800H&SIM800L provides an I2C interface which is only used in the embedded AT application. Table 25: Pin definition of the I2C Pin name Pin number Description SCL 74 I2C serial bus clock(open drain output) SDA 75 I2C serial bus data(open drain output) Notes: 1. This function is not supported in the standard firmware. If customer wants this function, the firmware must be customized. Please contact SIMCom for more details. SIM800H&SIM800L_Hardware Design_V2.02 46 2015-07-27 |