전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5CEBA2F17C8ES 데이터시트(PDF) 7 Page - Intel Corporation

부품명 5CEBA2F17C8ES
상세설명  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F17C8ES 데이터시트(HTML) 7 Page - Intel Corporation

Back Button 5CEBA2F17C8ES Datasheet HTML 3Page - Intel Corporation 5CEBA2F17C8ES Datasheet HTML 4Page - Intel Corporation 5CEBA2F17C8ES Datasheet HTML 5Page - Intel Corporation 5CEBA2F17C8ES Datasheet HTML 6Page - Intel Corporation 5CEBA2F17C8ES Datasheet HTML 7Page - Intel Corporation 5CEBA2F17C8ES Datasheet HTML 8Page - Intel Corporation 5CEBA2F17C8ES Datasheet HTML 9Page - Intel Corporation 5CEBA2F17C8ES Datasheet HTML 10Page - Intel Corporation 5CEBA2F17C8ES Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Related Information
True LVDS Buffers in Devices, I/O Features in Cyclone V Devices
Provides the number of LVDS channels in each device package.
Package Plan
Table 5.
Package Plan for Cyclone V E Devices
Member
Code
M383
(13 mm)
M484
(15 mm)
U324
(15 mm)
F256
(17 mm)
U484
(19 mm)
F484
(23 mm)
F672
(27 mm)
F896
(31 mm)
GPIO
GPIO
GPIO
GPIO
GPIO
GPIO
GPIO
GPIO
A2
223
—
176
128
224
224
—
—
A4
223
—
176
128
224
224
—
—
A5
175
—
—
—
224
240
—
—
A7
—
240
—
—
240
240
336
480
A9
—
—
—
—
240
224
336
480
Cyclone V GX
This section provides the available options, maximum resource counts, and package
plan for the Cyclone V GX devices.
The information in this section is correct at the time of publication. For the latest
information and to get more details, refer to the Product Selector Guide.
Related Information
Product Selector Guide
Provides the latest information about Intel products.
Cyclone V Device Overview
683694 | 2018.05.07
Send Feedback
Cyclone V Device Overview
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com