| 전자부품 데이터시트 검색엔진 |
|
M50FW040K5TP 데이터시트(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M50FW040K5TP 데이터시트(HTML) 41 Page - STMicroelectronics |
|
41 / 53 page ![]() M50FW040 DC and AC parameters 41/53 Figure 12. Reset AC waveforms Table 21. Reset AC characteristics Symbol Parameter Test Condition Value Unit tPLPH RP or INIT Reset Pulse Width Min 100 ns tPLRH RP or INIT Low to Reset Program/Erase Inactive Max 100 ns Program/Erase Active Max 30 µs RP or INIT Slew Rate(1) 1. See Chapter 4 of the PCI Specification. Rising edge only Min 50 mV/ns tPHFL RP or INIT High to FWH4 Low FWH Interface only Min 30 µs tPHWL tPHGL RP High to Write Enable or Output Enable Low A/A Mux Interface only Min 50 µs AI03420 RP, INIT W, G, FWH4 tPLPH RB tPLRH tPHWL, tPHGL, tPHFL |