전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M50FW040NB5TP 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 M50FW040NB5TP
상세설명  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040NB5TP 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button M50FW040NB5TP Datasheet HTML 4Page - STMicroelectronics M50FW040NB5TP Datasheet HTML 5Page - STMicroelectronics M50FW040NB5TP Datasheet HTML 6Page - STMicroelectronics M50FW040NB5TP Datasheet HTML 7Page - STMicroelectronics M50FW040NB5TP Datasheet HTML 8Page - STMicroelectronics M50FW040NB5TP Datasheet HTML 9Page - STMicroelectronics M50FW040NB5TP Datasheet HTML 10Page - STMicroelectronics M50FW040NB5TP Datasheet HTML 11Page - STMicroelectronics M50FW040NB5TP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Summary description
M50FW040
8/53
Figure 1.
Logic diagram (FWH interface)
Table 1.
Signal names (FWH interface)
FWH0-FWH3
Input/Output Communications
FWH4
Input Communication Frame
ID0-ID3
Identification Inputs
FGPI0-FGPI4
General Purpose Inputs
IC
Interface Configuration
RP
Interface Reset
INIT
CPU Reset
CLK
Clock
TBL
Top Block Lock
WP
Write Protect
RFU
Reserved for Future Use. Leave disconnected
VCC
Supply Voltage
VPP
Optional Supply Voltage for Fast Erase Operations
VSS
Ground
NC
Not Connected Internally
AI03623
4
FWH4
FWH0-
FWH3
VCC
M50FW040
CLK
VSS
4
IC
RP
TBL
5
INIT
WP
ID0-ID3
FGPI0-
FGPI4
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53