| 전자부품 데이터시트 검색엔진 |
|
OVR40440SPTS 데이터시트(PDF) 13 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OVR40440SPTS 데이터시트(HTML) 13 Page - ABB |
|
13 / 62 page ![]() Surge Pr otective Devices Low Voltage Products & Systems 16.11 ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage 1SXU000023C0202 Rev. A 16 16 OVRNE12320480DX OVRNE12320480D OVRNE12160480DX OVRNE12160480D OVRNE12320277YX OVRNE12320277Y OVRNE12160277YX OVRNE12160277Y OVRNE12320120SPX OVRNE12320120SP OVRNE12160120SPX OVRNE12160120SP Technical characteristics Service voltage 480V Delta 480/277V Wye 240/120V Split phase Application Service entrance Service entrance Service entrance Phases 3 3 2 Mode of protection L-L / L-N / L-G / N-G L-L / L-N / L-G / N-G L-L / L-N / L-G / N-G Surge capacity/phase (Imax) kA 160 or 320 160 or 320 160 or 320 Maximum continuous operating voltage (MCOV) V 550 320 150 Voltage protection rating (VPR - UL 3rd Ed.) L-N V / 1200 900 L-L V 1800 2000 1200 L-G V 1800 1200 800 N-G V / 1200 800 Nominal discharge current (In) kA 10 10 10 Short circuit current rating (SCCR) kA 200 200 200 AC power frequency Hz 50-60 50-60 50-60 Thermal fuse Type J 100A Type J 100A Type J 100A EMI/RFI filtering dB -30 -30 -30 Mechanical characteristics Connection terminals Inches 1/4 - 5/16 - 3/8 - 1/2 1/4 - 5/16 - 3/8 - 1/2 1/4 - 5/16 - 3/8 - 1/2 Terminal torque Nm 6-75 6-75 6-75 Auxiliary contact connection terminals AWG 22 - 12 22 - 12 22 - 12 Auxiliary contact terminal torque Nm 1 1 1 Front display Yes Yes Yes LED indicators Yes Yes Yes Audible alarm Yes Yes Yes Auxiliary contact Yes Yes Yes Surge counter Yes - Option “X” Yes - Option “X” Yes - Option “X” Enclosure material Painted steel Painted steel Painted steel Enclosure rating NEMA 12 NEMA 12 NEMA 12 Dimensions H x W x D (approx.) Inches 24'' x 16'' x 8'' 24'' x 16'' x 8'' 24'' x 16'' x 8'' Weight (approx.) lbs 40 40 40 Miscellaneous characteristics Stocking temperature 32°F (0°C) to 104°F (40°C) 32°F (0°C) to 104°F (40°C) 32°F (0°C) to 104°F (40°C) Operating temperature 32°F (0°C) to 104°F (40°C) 32°F (0°C) to 104°F (40°C) 32°F (0°C) to 104°F (40°C) Maximum altitude 6600 feet (2000 m) 6600 feet (2000 m) 6600 feet (2000 m) Fire resistance according to UL 94 V0 V0 V0 Approvals ANSI/UL 1449 3rd Ed. ANSI/UL 1449 3rd Ed. ANSI/UL 1449 3rd Ed. Meets IEEE requirements Meets IEEE requirements Meets IEEE requirements Replacement MOV block OVR1N160480PS (power supply) OVR1N160480 OVR1N160277PS (power supply) OVR1N160277 OVR1N160120PS (power supply) OVR1N160120 Technical data OVR NE12 enclosed SPD |