전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WM8727GED/V 데이터시트(PDF) 15 Page - Wolfson Microelectronics plc

부품명 WM8727GED/V
상세설명  24-bit 192kHz Stereo DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WOLFSON [Wolfson Microelectronics plc]
홈페이지  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8727GED/V 데이터시트(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8727GED/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8727GED/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8727GED/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8727GED/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8727GED/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8727GED/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8727GED/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8727GED/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8727GED/V Datasheet HTML 16Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
WM8727
Production Data
w
PD Rev 4.2 July 2006
15
PACKAGE DRAWING
DM009.B
D: 8 PIN SOIC 3.9mm Wide Body
Symbols
Dimensions
(mm)
Dimensions
(Inches)
MINMAX
MINMAX
A
1.35
1.75
0.0532
0.0688
A1
0.10
0.25
0.0040
0.0098
B
0.33
0.51
0.0130
0.0200
C
0.19
0.25
0.0075
0.0098
D
4.80
5.00
0.1890
0.1968
e
1.27 BSC
0.050 BSC
E
3.80
4.00
0.1497
0.1574
h
0.25
0.50
0.0099
0.0196
H
5.80
6.20
0.2284
0.2440
L
0.40
1.27
0.0160
0.0500
α
αα
α
0
o
8
o
0
o
8
o
REF:
JEDEC.95, MS-012
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS (INCHES).
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM (0.010IN).
D. MEETS JEDEC.95 MS-012, VARIATION = AA. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
C
h x 45o
α
L
A
A1
SEATING PLANE
-C-
0.10 (0.004)
4
1
D
5
8
E
H
B
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com