전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WM8728 데이터시트(PDF) 25 Page - Wolfson Microelectronics plc

부품명 WM8728
상세설명  24-bit, 192kHz Stereo DAC with Volume Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WOLFSON [Wolfson Microelectronics plc]
홈페이지  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8728 데이터시트(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8728 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 28Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
WM8728
Production Data
w
PD Rev 4.2 April 2004
25
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS (PCM AUDIO)
Figure 25 External Components Diagram
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1 and C5
10
µF
De-coupling for DVDD and AVDD/VREFP
C2 to C4
0.1
µF
De-coupling for DVDD and AVDD/VREFP
C6 and C7
10
µF
Output AC coupling caps to remove midrail DC level from outputs.
C8
0.1
µF
C9
10
µF
Reference de-coupling capacitors for VMID pin.
C10
10
µF
Filtering for VREFP. Omit if AVDD low noise.
R1
10kΩ
10k pull-up to DVDD
R2
330
Ω
Filtering for VREP. Use 0
Ω if AVDD low noise.
Table 23 External Components Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com