전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WM8720SEDS/R 데이터시트(PDF) 3 Page - Wolfson Microelectronics plc

부품명 WM8720SEDS/R
상세설명  24-bit, 96kHz Stereo DAC with Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WOLFSON [Wolfson Microelectronics plc]
홈페이지  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8720SEDS/R 데이터시트(HTML) 3 Page - Wolfson Microelectronics plc

  WM8720SEDS/R Datasheet HTML 1Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
WM8720
Production Data
w
PD Rev 4.0. February 2005
3
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
PWDN
Digital input
Powerdown control; low is ON, high is POWER OFF. Internal pull-down.
2
SCKI
Digital input
System clock input (256 or 384fs).
3
TEST
Digital output
Reserved.
4
ML/I2S
Digital input
Latch enable (software mode) or input format selection (hardware mode).
Internal pull-up.
5
MC/IWL
Digital input
Serial control data clock input (software mode) or input word length
selection (hardware mode). Internal pull-up.
6
MD/DM
Digital input
Serial control data input (software mode) or de-emphasis selection
(hardware mode). Internal pull-up.
7
RSTB
Digital input
Reset input – active low. Internal pull-up.
8
ZERO
Digital output
Infinite zero detect – active low. Open drain type output with active
pull-down.
9
VOUTR
Analogue output
Right channel DAC output.
10
AGND
Supply
Analogue ground supply.
11
AVDD
Supply
Analogue positive supply.
12
VOUTL
Analogue output
Left channel DAC output.
13
CAP
Analogue output
Analogue internal reference.
14
BCKIN
Digital input
Audio data bit clock input.
15
DIN
Digital input
Serial audio data input.
16
LRCIN
Digital input
Sample rate clock input.
17
MUTE
Digital IO
Mute control pin, input or automute output.
Low is not mute, high is mute, Z is automute.
18
MODE
Digital input
Mode select pin. Low is software mode, high is hardware control.
Internal pull-down.
19
DVDD
Supply
Digital positive supply.
20
DGND
Supply
Digital ground supply.
Note:
Digital input pins have Schmitt trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17