| 전자부품 데이터시트 검색엔진 |
|
WM8775 데이터시트(PDF) 6 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8775 데이터시트(HTML) 6 Page - Wolfson Microelectronics plc |
|
6 / 39 page ![]() WM8775 Production Data w PD Rev 4.1, June 2006 6 ELECTRICAL CHARACTERISTICS Test Conditions AVDD = 5V, DVDD = 3.3V, AGND = 0V, DGND = 0V, TA = +25 oC, fs = 48kHz, MCLK = 256fs unless otherwise stated. PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Digital Logic Levels (TTL Levels) Input LOW level VIL 0.8 V Input HIGH level VIH 2.0 V Output LOW VOL IOL=1mA 0.1 x DVDD V Output HIGH VOH IOH=1mA 0.9 x DVDD V Analogue Reference Levels Reference voltage VVMID AVDD/2 V Potential divider resistance RVMID 50k Ω ADC Performance Input Signal Level (0dB) 1.0 x AVDD/5 Vrms SNR (Note 1,2) A-weighted, 0dB gain @ fs = 48kHz 97 102 dB SNR (Note 1,2) A-weighted, 0dB gain @ fs = 96kHz 64xOSR 99 dB Dynamic Range (note 2) A-weighted, -60dB full scale input 102 dB 1 kHz, 0dBFs -92 dB Total Harmonic Distortion (THD) 1kHz, -1dBFs -95 -85 dB ADC Channel Separation 1kHz Input 90 dB Programmable Gain Step Size 0.25 0.5 0.75 dB Programmable Gain Range (Analogue) 1kHz Input -21 +24 dB Programmable Gain Range (Digital) 1kHz Input -82 +0 dB Analogue Mute Attenuation (Note 5) 1kHz Input, 0dB gain 76 dB 1kHz 100mVpp 50 dB Power Supply Rejection Ratio PSRR 20Hz to 20kHz 100mVpp 45 dB Supply Current Analogue supply current AVDD = 5V 48 mA Digital supply current DVDD = 3.3V 4.5 mA Notes: 1. Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured ‘A’ weighted. 2. All performance measurements done with 20kHz low pass filter, and where noted an A-weight filter. Failure to use such a filter will result in higher THD+N and lower SNR and Dynamic Range readings than are found in the Electrical Characteristics. The low pass filter removes out of band noise; although it is not audible it may affect dynamic specification values. 3. VMID decoupled with 10uF and 0.1uF capacitors (smaller values may result in reduced performance). 4. All performance measurement done using certain timing conditions (please refer to section ‘Digital Audio Interface’). 5. A full digital MUTE can be achieved if the ADC gain (LAG/RAG) is set to minimum. |