| 전자부품 데이터시트 검색엔진 |
|
WM8778SEDS 데이터시트(PDF) 13 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8778SEDS 데이터시트(HTML) 13 Page - Wolfson Microelectronics plc |
|
13 / 50 page ![]() Production Data WM8778 w PD Rev 4.0 April 2005 13 INTERNAL POWER ON RESET CIRCUIT Figure 8 Internal Power on Reset Circuit Schematic The WM8778 includes an internal Power on Reset Circuit which is used reset the digital logic into a default state after power up. Figure 8 shows a schematic of the internal POR circuit. The POR circuit is powered from AVDD. The circuit monitors DVDD and VMID and asserts PORB low if DVDD or VMID are below the minimum threshold Vpor_off. On power up, the POR circuit requires AVDD to be present to operate. PORB is asserted low until AVDD and DVDD and VMID are established. When AVDD, DVDD, and VMID have been established, PORB is released high, all registers are in their default state and writes to the digital interface may take place. On power down, PORB is asserted low whenever DVDD or VMID drop below the minimum threshold Vpor_off. If AVDD is removed at any time, the internal Power on Reset circuit is powered down and PORB will follow AVDD. In most applications the time required for the device to release PORB high will be determined by the charge time of the VMID node. Figure 9 Typical Power up Sequence where DVDD is Powered before AVDD |