전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

REF70 데이터시트(PDF) 37 Page - Texas Instruments

부품명 REF70
상세설명  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

REF70 데이터시트(HTML) 37 Page - Texas Instruments

Back Button REF70_V08 Datasheet HTML 33Page - Texas Instruments REF70_V08 Datasheet HTML 34Page - Texas Instruments REF70_V08 Datasheet HTML 35Page - Texas Instruments REF70_V08 Datasheet HTML 36Page - Texas Instruments REF70_V08 Datasheet HTML 37Page - Texas Instruments REF70_V08 Datasheet HTML 38Page - Texas Instruments REF70_V08 Datasheet HTML 39Page - Texas Instruments REF70_V08 Datasheet HTML 40Page - Texas Instruments REF70_V08 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
1-Oct-2023
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
REF7012QDGKR
VSSOP
DGK
8
3000
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
REF7012QFKHT
LCCC
FKH
8
250
180.0
12.4
5.35
5.35
1.57
8.0
12.0
Q2
REF7025QDGKR
VSSOP
DGK
8
3000
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
REF7025QFKHT
LCCC
FKH
8
250
180.0
12.4
5.35
5.35
1.57
8.0
12.0
Q2
REF7030QFKHT
LCCC
FKH
8
250
180.0
12.4
5.35
5.35
1.57
8.0
12.0
Q2
REF7033QFKHT
LCCC
FKH
8
250
180.0
12.4
5.35
5.35
1.57
8.0
12.0
Q2
REF7040QDGKR
VSSOP
DGK
8
3000
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
REF7040QFKHT
LCCC
FKH
8
250
180.0
12.4
5.35
5.35
1.57
8.0
12.0
Q2
REF7050QFKHT
LCCC
FKH
8
250
180.0
12.4
5.35
5.35
1.57
8.0
12.0
Q2
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43