전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT26DF081A-SSU 데이터시트(PDF) 13 Page - ATMEL Corporation

부품명 AT26DF081A-SSU
상세설명  8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF081A-SSU 데이터시트(HTML) 13 Page - ATMEL Corporation

Back Button AT26DF081A-SSU Datasheet HTML 9Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 10Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 11Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 12Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 13Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 14Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 15Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 16Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13
3600F–DFLASH–03/07
AT26DF081A
If the address specified by A23 - A0 points to a memory location within a sector that is in the pro-
tected state, then the Block Erase command will not be executed, and the device will return to
the idle state once the CS pin has been deasserted. In addition, with the larger Block Erase
sizes of 32K and 64 Kbytes, more than one physical sector may be erased (e.g. sectors 18
through 15) at one time. Therefore, in order to erase a larger block that may span more than one
sector, all of the sectors in the span must be in the unprotected state. If one of the physical sec-
tors within the span is in the protected state, then the device will ignore the Block Erase
command and will return to the idle state once the CS pin is deasserted.
The WEL bit in the Status Register will be reset back to the logical “0” state if the erase cycle
aborts due to an incomplete address being sent or because a memory location within the region
to be erased is protected.
While the device is executing a successful erase cycle, the Status Register can be read and will
indicate that the device is busy. For faster throughput, it is recommended that the Status Regis-
ter be polled rather than waiting the t
BLKE time to determine if the device has finished erasing. At
some point before the erase cycle completes, the WEL bit in the Status Register will be reset
back to the logical “0” state.
The device also incorporates an intelligent erasing algorithm that can detect when a byte loca-
tion fails to erase properly. If an erase error occurs, it will be indicated by the EPE bit in the
Status Register.
Figure 8-5.
Block Erase
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
CCCCCCCC
67
5
410 11
9
8
12
31
2930
27 28
26
OPCODE
AAAA
AAA
A
A
A
A
A
ADDRESS BITS A23-A0
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com