전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT80C51SND1C-ROTUL 데이터시트(PDF) 57 Page - ATMEL Corporation

부품명 AT80C51SND1C-ROTUL
상세설명  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTUL 데이터시트(HTML) 57 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTUL Datasheet HTML 53Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 54Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 55Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 56Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 57Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 58Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 59Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 60Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 212 page
background image
57
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 0000 0000b
Bit
Number
Bit
Mnemonic
Description
7
TF1
Timer 1 Overflow Flag
Cleared by hardware when processor vectors to interrupt routine.
Set by hardware on Timer/Counter overflow, when Timer 1 register overflows.
6TR1
Timer 1 Run Control Bit
Clear to turn off Timer/Counter 1.
Set to turn on Timer/Counter 1.
5
TF0
Timer 0 Overflow Flag
Cleared by hardware when processor vectors to interrupt routine.
Set by hardware on Timer/Counter overflow, when Timer 0 register overflows.
4TR0
Timer 0 Run Control Bit
Clear to turn off Timer/Counter 0.
Set to turn on Timer/Counter 0.
3IE1
Interrupt 1 Edge Flag
Cleared by hardware when interrupt is processed if edge-triggered (see IT1).
Set by hardware when external interrupt is detected on INT1 pin.
2IT1
Interrupt 1 Type Control Bit
Clear to select low level active (level triggered) for external interrupt 1 (INT1).
Set to select falling edge active (edge triggered) for external interrupt 1.
1IE0
Interrupt 0 Edge Flag
Cleared by hardware when interrupt is processed if edge-triggered (see IT0).
Set by hardware when external interrupt is detected on INT0 pin.
0IT0
Interrupt 0 Type Control Bit
Clear to select low level active (level triggered) for external interrupt 0 (INT0).
Set to select falling edge active (edge triggered) for external interrupt 0.
Table 51. TMOD Register
TMOD (S:89h) – Timer/Counter Mode Control Register
7654
3210
GATE1
C/T1#
M11
M01
GATE0
C/T0#
M10
M00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More