전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB20H04-JD 데이터시트(PDF) 4 Page - SMSC Corporation

부품명 USB20H04-JD
상세설명  4-PORT USB 2.0 HUB CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB20H04-JD 데이터시트(HTML) 4 Page - SMSC Corporation

  USB20H04-JD Datasheet HTML 1Page - SMSC Corporation USB20H04-JD Datasheet HTML 2Page - SMSC Corporation USB20H04-JD Datasheet HTML 3Page - SMSC Corporation USB20H04-JD Datasheet HTML 4Page - SMSC Corporation USB20H04-JD Datasheet HTML 5Page - SMSC Corporation USB20H04-JD Datasheet HTML 6Page - SMSC Corporation USB20H04-JD Datasheet HTML 7Page - SMSC Corporation USB20H04-JD Datasheet HTML 8Page - SMSC Corporation USB20H04-JD Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4-Port USB 2.0 Hub Controller
Datasheet
Revision 1.63 (03-30-07)
Page 4
SMSC USB20H04
DATASHEET
List of Figures
Figure 2.1 - Block Diagram.............................................................................................................................................7
Figure 3.1– 64 Pin TQFP ...............................................................................................................................................8
Figure 8.1 - 2-Wire EEPROM Interface........................................................................................................................20
Figure 8.2 - Internal Default Mode................................................................................................................................21
Figure 8.3 - Timing for Configuration from SMBus .......................................................................................................25
Figure 8.4 - Timing to Complete Configuration from EEPROM ....................................................................................26
Figure 10.1 - High Level Block Diagram of a Self-Powered Hub ..................................................................................33
Figure 10.2 - USB Downstream Port Connection .........................................................................................................34
Figure 11.1 - 64 Pin TQFP Package Outline, 10 x 10 x 1.4 Body, 2 MM Footprint ......................................................35
List of Tables
Table 4.1 - System Interface Signals .............................................................................................................................9
Table 4.2 – Configuration Select and Serial Port Interface.............................................................................................9
Table 4.3 - USB I/O Signals .........................................................................................................................................10
Table 4.4 - Biasing and Clock Oscillator Signals ..........................................................................................................11
Table 4.5 - Power and Ground Signals ........................................................................................................................11
Table 4.6 – USB20H04 Buffer Type Descriptions ........................................................................................................11
Table 5.1 - Absolute Maximum Ratings (In accordance with the Absolute Maximum Rating system (IEC 60134).......12
Table 5.2 - Recommended Operating Conditions ........................................................................................................12
Table 5.3 - Recommended Crystal/External Clock Conditions .....................................................................................12
Table 6.1 - Electrical Characteristics: Supply Pins .......................................................................................................13
Table 6.2 - DC Electrical Characteristics: Digital Pins ..................................................................................................13
Table 6.3 - Pin Capacitance .........................................................................................................................................14
Table 6.4 - DC Electrical Characteristics: Analog I/O Pins (DP/DM) ............................................................................15
Table 7.1 - Automatic Mode Port Indicators .................................................................................................................19
Table 7.2 - Manual Mode Port Indicators .....................................................................................................................19
Table 8.1 - Summary of OEM Value Programming ......................................................................................................21
Table 8.2 - Address 6; Config_Byte_3..........................................................................................................................22
Table 8.3 - Address 7; Config_Byte_2..........................................................................................................................22
Table 8.4 - Address 8; Config_Byte_1..........................................................................................................................23
Table 8.5 - Addresses 9 - 11 ........................................................................................................................................23
Table 8.6 - Default Configuration Values......................................................................................................................24
Table 8.7 - Time Values to Configure from SMBus ......................................................................................................25
Table 8.8 - Time Values to Configure From EEPROM.................................................................................................26
Table 9.1 - Device Descriptor.......................................................................................................................................28
Table 9.2 - Device Qualifier Descriptor ........................................................................................................................28
Table 9.3 - Standard Configuration Descriptor .............................................................................................................29
Table 9.4 - Other_Speed_Configuration Descriptor .....................................................................................................29
Table 9.5 - Standard Interface Descriptor ....................................................................................................................30
Table 9.6 - Standard Endpoint Descriptor ....................................................................................................................30
Table 9.7 - Interface Descriptor (present if multiple-TT)...............................................................................................31
Table 9.8 - On-The-GO (OTG) Descriptor....................................................................................................................31
Table 9.9 - Class-Specific Hub Descriptor (Full-Speed and High-Speed) ....................................................................31
Table 11.1 - 64 Pin TQFP Package Parameters ..........................................................................................................35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35