| 전자부품 데이터시트 검색엔진 |
|
AT89C51AC3-SLSIM 데이터시트(PDF) 53 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51AC3-SLSIM 데이터시트(HTML) 53 Page - ATMEL Corporation |
|
53 / 143 page ![]() 53 AT89C51AC3 4383B–8051–01/05 Operation Cross Memory Access Space addressable in read and write are: •RAM • ERAM (Expanded RAM access by movx) • XRAM (eXternal RAM) • EEPROM DATA • FM0 ( user flash ) • Hardware byte •XROW • Boot Flash • Flash Column latch The table below provide the different kind of memory which can be accessed from differ- ent code location. Note: 1. RWW: Read While Write Table 18. Cross Memory Access Action RAM XRAM ERAM Boot FLASH FM0 E² Data Hardware Byte XROW boot FLASH Read OK OK OK OK - Write - OK(1) OK(1) OK(1) OK(1) FM0 Read OK OK OK OK - Write - OK (idle) OK(1) -OK External memory EA = 0 or Code Roll Over Read - - OK - - Write - - OK(1) -- |