전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY10H607 데이터시트(PDF) 2 Page - Micrel Semiconductor

부품명 SY10H607
상세설명  REGISTERED HEX PECL-TO-TTL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H607 데이터시트(HTML) 2 Page - Micrel Semiconductor

  SY10H607 Datasheet HTML 1Page - Micrel Semiconductor SY10H607 Datasheet HTML 2Page - Micrel Semiconductor SY10H607 Datasheet HTML 3Page - Micrel Semiconductor SY10H607 Datasheet HTML 4Page - Micrel Semiconductor SY10H607 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SY10H607
SY100H607
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10H607JC
J28-1
Commercial
SY10H607JC
Sn-Pb
SY10H607JCTR(2)
J28-1
Commercial
SY10H607JC
Sn-Pb
SY100H607JC
J28-1
Commercial
SY100H607JC
Sn-Pb
SY100H607JCTR(2)
J28-1
Commercial
SY100H607JC
Sn-Pb
SY10H607JZ(3)
J28-1
Commercial
SY10H607JZ with
Matte-Sn
Pb-Free bar-line indicator
SY10H607JZTR(2, 3)
J28-1
Commercial
SY10H607JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100H607JZ(3)
J28-1
Commercial
SY100H607JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100H607JZTR(2, 3)
J28-1
Commercial
SY100H607JZ with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
18
17
16
15
14
13
12
56789
10 11
26
27
28
1
2
3
4
TOP VIEW
PLCC
25 24 23 22 21 20 19
Q2
Q1
Q0
CLK
VBB
TGND
CLK
D5
D4
VCCE
D3
D3
D4
D5



Html Pages

1 2 3 4 5