전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP1423DP 데이터시트(PDF) 10 Page - Monolithic Power Systems

부품명 MP1423DP
상세설명  3A, 23V, 385KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1423DP 데이터시트(HTML) 10 Page - Monolithic Power Systems

Back Button MP1423DP Datasheet HTML 3Page - Monolithic Power Systems MP1423DP Datasheet HTML 4Page - Monolithic Power Systems MP1423DP Datasheet HTML 5Page - Monolithic Power Systems MP1423DP Datasheet HTML 6Page - Monolithic Power Systems MP1423DP Datasheet HTML 7Page - Monolithic Power Systems MP1423DP Datasheet HTML 8Page - Monolithic Power Systems MP1423DP Datasheet HTML 9Page - Monolithic Power Systems MP1423DP Datasheet HTML 10Page - Monolithic Power Systems MP1423DP Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP1423 – 3A, 23V, 385KHz STEP-DOWN CONVERTER
MP1423 Rev. 1.1
www.MonolithicPower.com
10
1/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE INFORMATION
SOIC8N (EXPOSED PAD)
NOTE:
1) Control dimension is in inches. Dimension in bracket is millimeters.
2) Exposed Pad Option (N-Package) ; 2.31mm -2.79mm x 2.79mm - 3.81mm.
Recommend Solder Board Area: 2.80mm x 3.82mm = 10.7mm2 (16.6 mil2)
3) The length of the package does not include mold flash. Mold flash shall not exceed 0.006in. (0.15mm) per side.
With the mold flash included, over-all length of the package is 0.2087in. (5.3mm) max.
4) The width of the package does not include mold flash. Mold flash shall not exceed 0.10in. (0.25mm) per side.
With the mold flash included, over-all width of the package is 0.177in. (4.5mm) max.
0.016(0.410)
0.050(1.270)
0o-8o
DETAIL "A"
0.011(0.280)
0.020(0.508)
x 45o
SEE DETAIL "A"
0.0075(0.191)
0.0098(0.249)
0.229(5.820)
0.244(6.200)
Land Pattern
.028
.050
0.140 (3.55mm)
0.200 (5.07 mm)
0.060
0.150(3.810)
0.157(4.000)
PIN 1 IDENT.
0.050(1.270)BSC
0.013(0.330)
0.020(0.508)
NOTE 2
NOTE 4
SEATING PLANE
0.001(0.030)
0.004(0.101)
0.189(4.800)
0.197(5.000)
0.053(1.350)
0.068(1.730)
0.049(1.250)
0.060(1.524)
NOTE 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com