전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20SM60 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 STPS20SM60
상세설명  Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STPS20SM60 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  STPS20SM60 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STPS20SM60 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Barrier Rectifier
STPS20SM60
www.iscsemi.com
1
FEATURES
·High current capability
·Avalanche rated
·Low forward voltage drop
·High frequency operation
MECHANICAL CHARACTERISTICS
·High frequency switch mode power supply
·Intended to be used in notebook,game station and desktop
adapters,providing in these applications a good efficiency at
Both low and high load.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Repetitive Reverse Voltage
60
V
IF(AV)
Average Rectified Forward Current
@Tc=130℃
20
A
IFSM
Nonrepetitive Peak Surge Current
Tp=10ms sone-wave
400
A
TJ
Junction Temperature Max
150
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.3
℃
/W


유사한 부품 번호 - STPS20SM60

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS20SM60 STMICROELECTRONICS-STPS20SM60 Datasheet
95Kb / 7P
Power Schottky rectifier
25-Oct-2011
STPS20SM60C STMICROELECTRONICS-STPS20SM60C Datasheet
133Kb / 11P
Power Schottky rectifier
14-Oct-2011
STPS20SM60C STMICROELECTRONICS-STPS20SM60C Datasheet
133Kb / 11P
Power Schottky rectifier
14-Oct-2011
STPS20SM60CR STMICROELECTRONICS-STPS20SM60CR Datasheet
133Kb / 11P
Power Schottky rectifier
14-Oct-2011
logo
Inchange Semiconductor ...
STPS20SM60D ISC-STPS20SM60D Datasheet
272Kb / 2P
Schottky Barrier Rectifier
2023-8-31
More results

유사한 설명 - STPS20SM60

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com