| 전자부품 데이터시트 검색엔진 |
|
BL702 데이터시트(PDF) 30 Page - Bouffalo Lab Intelligent Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
BL702 데이터시트(HTML) 30 Page - Bouffalo Lab Intelligent Technology Co., Ltd. |
|
30 / 47 page ![]() 6 Electrical Specifications 6.1 Absolute Maximum Rating Table 6.1: Absolute Maximum Rating Pin Name Min. Max. Unit VDDIO_1 -0.3 3.63 V VDDIO_2 -0.3 3.63 V VDDIO_3 -0.3 3.63 V VSSBUS_USB -0.3 5.5 V AVDD33_AON -0.3 3.63 V AVDD33_PA -0.3 3.63 V AVDD33_RF -0.3 3.63 V ESD Protection (HBM) 2000 V Storage Temperature -40 125 ◦C 6.2 Operating Condition BL702/704/706 Datasheet 30/ 47 @2021 Bouffalo Lab |